Part Number Hot Search : 
80CLQ150 01061 81PFF W51F20 SMA5935B 6308G 30090 MZ4103
Product Description
Full Text Search

MAAP-000078-PKG001 - Amplifier, Power, 12W 2.0-6.0 GHz

MAAP-000078-PKG001_1022442.PDF Datasheet


 Full text search : Amplifier, Power, 12W 2.0-6.0 GHz


 Related Part Number
PART Description Maker
APA3002 12W Stereo Class-D Audio Power Amplifier
ANPEC
SM2023-41L 2000-2300 MHz 12W Linear Power Amplifier
Stealth Microwave, Inc.
TDA7263 1629 12 12W STEREO AMPLIFIER WITH MUTING
From old datasheet system
12 12W Stereo Amplifier with Muting(带消音的立体声放大器) 12 12瓦立体声功放音箱,静音(带消音的立体声放大器
ST Microelectronics
STMICROELECTRONICS[STMicroelectronics]
STMicroelectronics N.V.
LA4461 LA4460 12W AF Power Amplifier For Car Radio or Car Stereo
SANYO[Sanyo Semicon Device]
TDA2006H 12W AUDIO AMPLIFIER
ST Microelectronics
AD82571B 12W Stereo/Mono Digital Audio Amplifier
Elite Semiconductor
ETSA180066U ETSA240050U ETSA060200U ETSA120100U ET ETSA 12W - SWITCHING POWER SUPPLY
CUI INC,
ME10A0503B01 ME10A0603N01 10W-12W Single Output External Power Medical Series
SL Power Electronics
BUS-855926L BUS-855947 BUS-855935L BUS-855935Q BUS DATACOM, MIL-STD-1553 DATA BUS TRANSCEIVER, DIP24
100mW stereo headphone amplifier with standby mode 通信集成电路
MPEG 2.5 layer III (MP3) audio decoder 通信集成电路
300mW at 3.3V supply audio power amplifier with standy mode active low 通信集成电路
80V-80W DMOS audio amplifier with mute/st-by 通信集成电路
12W audio amplifier 通信集成电路
25W 25W stereo class-D amplifier 50W mono in BTL 通信集成电路
STEREO AUDIO AMPLIFIER 通信集成电路
Output rail to rail 1W audio power amplifier with standby mode 通信集成电路
8-bit OTP/EPROM/FASTROM MCUs with A/D converter, safe reset, auto-reload timer and EEPROM 通信集成电路
1.2W differential input/output audio power amplifier with selectable standby 通信集成电路
6 6W stereo amplifier
2 X 2W stereo audio amplifier
2W mono amplifier
3.3V range 8-bit MCU for automotive with 16/32 Kbyte Flash or 16 Kbyte ROM, 10-bit ADC, 4 timers, SPI and SCI interfaces
8-bit MCUs with A/D converter, two timers, oscillator safeguard & safe reset
70V-60W DMOS audio amplifier with mute/standby
Pop-free 100mW stereo headphone amplifier
16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
ST10F272B-E Final Data
Digital signal processing IC for speech and audio applications
12 12W stereo amplifier with muting
Tone control and surround digitally controlled audio processor
Telecommunication IC
8-bit MCU for automotive with electric-motor control, ADC, 16-bit timers, SPI interface
10W car radio audio amplifier
5W 5W AMPLIFIER WITH DC VOLUME CONTROL
TWO BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR WITH BASS ALC SURROUND
5W audio amplifier with muting
16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
Sound Terminal" 2-channel microless high-efficiency digital audio system
8-bit MCU for automotive, 3.8 to 5.5V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
Rail-to-rail output 1W audio power amplifier with standby mode active low
8-bit MCU for automotive with 32 to 60 Kbyte Flash/ROM, ADC, 5 timers, SPI, SCI, I2C interface
5-V, 2-A, 2.1-channel high-efficiency digital audio system with QSound QHD®
32-bit Power Architecture" based MCU for automotive powertrain applications
14W 14W stereo amplifier with mute & stby
6 2-Ch. multistandard audio decoder
DATA DEVICE CORP
TE Connectivity, Ltd.
Motorola Mobility Holdings, Inc.
Bourns, Inc.
Advanced Linear Devices, Inc.
XP Power, Ltd.
Microchip Technology, Inc.
Future Technology Devices International, Ltd.
5962-04253 12W Total Output Power 28 Vin 12 Vout Single DC-DC Rad-Tolerant Converter in an AMF Package. DLA Number 5962-04253
International Rectifier
APV-12E-12 APV-12E-15 APV-12E-5 APV-12E-24    12W Single Output Switching Power Supply
Mean Well Enterprises C...
 
 Related keyword From Full Text Search System
MAAP-000078-PKG001 rectifier MAAP-000078-PKG001 configuration MAAP-000078-PKG001 Micropower MAAP-000078-PKG001 download MAAP-000078-PKG001 datasheet pdf
MAAP-000078-PKG001 specification MAAP-000078-PKG001 pci endian mode MAAP-000078-PKG001 analog devices MAAP-000078-PKG001 Transistor MAAP-000078-PKG001 band
 

 

Price & Availability of MAAP-000078-PKG001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.19454383850098